PART |
Description |
Maker |
MRSM75 |
Rotation detection MR sensor
|
NEC Corp.
|
EVM-3VSX50B14 EVM-3VSX50B15 |
3 mm Square SMT Trimmer Potentiometers with the rotation stopper (Cermet, Open Frame Type) 3 mm square SMT Trimmer Portentiomerters with rotation stopper (cermet, open frame type)
|
Panasonic Semiconductor
|
E-326 |
Phase Rotation Sensor 1 Amp, 115 VAC
|
MACOM[Tyco Electronics]
|
TB6501P TB6501 E004118 |
From old datasheet system BRIDGE DRIVER WITH ROTATION DETECTOR
|
TOSHIBA[Toshiba Semiconductor]
|
TLP814 E006500 |
MOTOR ROTATION AND IRIS DETECTION FOR CAMERA From old datasheet system
|
Toshiba
|
UR5HC418 UR5HC418-FB UR5HC418-FN UR5HC418-P |
THERMISTOR NTC PROBE 500K OHM20% THERMISTOR MINI-SENS NTC 2K OHM AT / PS/2 - Compatible Keyboard Encoder
|
SEMTECH[Semtech Corporation]
|
BD6726FU-E2 |
Quiet pre-driver (Speed control function by rotation speed feedback)
|
ROHM
|
P22SBS472A0340B P22SSS472A0340B P22SBR472A0340B P2 |
Single-Turn Continuous Rotation Analog Displacement Sensors
|
Vishay Siliconix
|
HIP0063 HIP0063AB |
Potentiometer; Series:CLU; Track Resistance:2.5kohm; Power Rating:2W; Operating Temperature Range:-55 C to 120 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Mechanical Angle/Rotation:312 RoHS Compliant: Yes 六角低边MOSFET驱动器,串行或并行接口与控制的故障诊 Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
PEC11-4130F-S0018 PEC11-4315K-N0012 PEC11-4315K-S0 |
Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3 Incremental Encoder; Number of Detents:0; Counts Per Revolution:12; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:15mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6mm; Series:PEC11; Rotation Speed:60rpm; Rotational Life Revolutions:30000; Torque Max:2.7in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|